Part Number Hot Search : 
15130351 NJM3359D ICX058AK 40060 CX25874 2N20C EL2142CN L6386
Product Description
Full Text Search
 

To Download PT08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  442 general purpose relay ?ly a miniature power relay equipped with arc barrier. dielectric strength: 2,000 v. built-in diode models added to the ly series. single-pole and double-pole models are applicable to operating coils with ratings of 100/110 vac, 110/120 vac, 200/220 vac, 220/240 vac, or 100/110 vdc). three-pole and four-pole models are applicable to operating coils with ratings of 100/110 vac, 200/220 vac, or 100/110 vdc). r c+ vde lr ordering information rated coil voltage note: 1. when ordering, add the rated coil voltage to the model number. rated coil voltages are given in the coil ratings table. example: ly2, 6 vac 2. relays with #187 quick connect terminals are also available with spdt and dpdt contact. ask your omron representative for details. 3. sev models are standard relays excluding dpdt (bifurcated) models. 4. vde- or lr- qualifying relays must be specified when ordering. open relays type contact form plug-in/solder plug-in/solder pcb terminals upper-mounting terminals terminals with plug-in/solder led indicator terminals standard spdt ly1 ly1n ly1-0 ly1f dpdt ly2 ly2n ly2-0 ly2f dpdt (bifurcated) ly2z ly2zn ly2z-0 ly2zf 3pdt ly3 ly3n ly3-0 ly3f 4pdt ly4 ly4n ly4-0 ly4f spdt ly1-d ly1n-d2 dpdt ly2-d ly2n-d2 dpdt (bifurcated) ly2z-d ly2zn-d2 3pdt ly3-d 4pdt ly4-d ly4n-d2 spdt dpdt ly2-cr ly2n-cr dpdt (bifurcated) ly2z-cr ly2zn-cr with built-in cr (ac only) with built-in diode (dc only) omron a5 catalogue 2007 419-518 11/9/06 11:03 am page 442
443 general purpose relay ?ly general purpose relays accessories (order separately) sockets poles front-connecting socket back-connecting socket din track/screw terminals plug-in/solder terminals wrapping terminals pcb terminals 1 or 2 ptf08a-e, ptf08a PT08 PT08qn PT08-0 3 ptf11a pt11 pt11qn pt11-0 4 ptf14a-e, ptf14a pt14 pt14qn pt14-0 note: 1. for ptf08-e and ptf14a-e, see ?rack mounted socket. 2. ptf a (-e) sockets have met ul and csa standards: ul 508/csa c22.2. mounting plates for sockets socket model for 1 socket for 10 sockets for 12 sockets for 18 sockets PT08 pyp-1 pyp-18 PT08qn pt11 ptp-1-3 ptp-12 pt11qn pt14 ptp-1 ptp-10 pt14qn socket-hold-down clip pairings relay type poles front-connecting sockets back-connecting sockets socket model clip model socket model clip model 1, 2 ptf08a-e, ptf08a pyc-a1 PT08(qn), PT08-0 pyc-p 3 ptf11a pt11(qn), pt11-0 4 ptf14a-e, ptf14a pt14(qn), pt14-0 cr circuit 2 ptf08a-e, ptf08a y92h-3 PT08(qn), PT08-0 pyc-1 standard, bifurcated contacts operation indicator, built-in diode coil rating single- and double-pole relays rated voltage rated current coil coil induction must must max. power resistance (reference value) operate release voltage consumption voltage voltage (approx.) 50 hz 60 hz arm. off arm. on % of rated voltage ac 6 v 214.1 ma 183 ma 12.2 ? 0.04 h 0.08 h 80% max. 30% min. 110% 12 v 106.5 ma 91 ma 46 ? 0.17 h 0.33 h 24 v 53.8 ma 46 ma 180 ? 0.69 h 1.30 h 50 v 25.7 ma 22 ma 788 ? w 3.22 h 5.66 h 100/110 v 11.7/12.9 ma 10/11 ma 3,750 ? 14.54 h 24.6 h 110/120 v 9.9/10.8 ma 8.4/9.2 ma 4,430 ? 19.20 h 32.1 h 200/220 v 6.2/6.8 ma 5.3/5.8 ma 12,950 ? 54.75 h 94.07 h 220/240 v 4.8/5.3 ma 4.2/4.6 ma 18,790 ? 83.50 h 136.40 h dc 6 v 150 ma 40 ? 0.16 h 0.33 h 10% min. 0.9 w 12 v 75 ma 160 ? 0.73 h 1.37 h 24 v 36.9 ma 650 ? 3.20 h 5.72 h 48 v 18.5 ma 2,600 ? 10.6 h 21.0 h 100/110 v 9.1/10 ma 11,000 ? 45.6 h 86.2 h note: see notes on the bottom of next page. 1.0 to 1.2 va (60 hz) 0.9 to 1 va (60 hz) specifications omron a5 catalogue 2007 419-518 11/9/06 11:03 am page 443
444 general purpose relay ?ly three-pole relays rated voltage rated current coil coil induction must must max. power resistance (reference value) operate release voltage consumption voltage voltage (approx.) 50 hz 60 hz arm. off arm. on % of rated voltage ac 6 v 310 ma 270 ma 6.7 ? 0.03 h 0.05 h 80% max. 30% min. 110% 12 v 159 ma 134 ma 24 ? 0.12 h 0.21 h 24 v 80 ma 67 ma 100 ? 0.44 h 0.79 h 50 v 38 ma 33 ma 410 ? 2.24 h 3.87 h 100/110 v 14.1/16 ma 12.4/13.7 ma 2 , 300 ? 10.5 h 18.5 h 200/220 v 9.0/10.0 ma 7.7/8.5 ma 8, 650 ? 34.8 h 59.5 h dc 6 v 234 ma 25.7 ? 0.11 h 0.21 h 10% min. 1.4 w 12 v 112 ma 107 ? 0.45 h 0.98 h 24 v 58.6 ma 410 ? 1.89 h 3.87 h 48 v 28.2 ma 1,700 ? 8.53 h 13.9 h 100/110 v 12.7/13 ma 8, 500 ? 29.6 h 54.3 h note: see notes under next table. 1.6 to 2.0 va (60 hz) four-pole relays rated voltage rated current coil coil induction must must max. power resistance (reference value) operate release voltage consumption voltage voltage (approx.) 50 hz 60 hz arm. off arm. on % of rated voltage ac 6 v 386 ma 330 ma 5 ? 0.02 h 0.04 h 80% max. 30% min. 110% 12 v 199 ma 170 ma 20 ? 0.10 h 0.17 h 24 v 93.6 ma 80 ma 78 ? 0.38 h 0.67 h 50 v 46.8 ma 40 ma 350 ? 1.74 h 2.88 h 100/110 v 22.5/25.5 ma 19/21.8 ma 1, 600 ? 10.5 h 17.3 h 200/220 v 11.5/13.1 ma 9.8/11.2 ma 6, 700 ? 33.1 h 57.9 h dc 6 v 240 ma 25 ? 0.09 h 0.21 h 10% min. 1.5 w 12 v 120 ma 100 ? 0.39 h 0.84 h 24 v 69 ma 350 ? 1.41 h 2.91 h 48 v 30 ma 1,600 ? 6.39 h 13.6 h 100/110 v 15/15.9 ma 6, 900 ? 32 h 63.7 h note: 1. the rated current and coil resistance are measured at a coil temperature of 23? with tolerances of +15%/?0% for rated currents and ?5% for dc coil resistance. 2. performance characteristic data are measured at a coil temperature of 23?. 3. ac coil resistance and impedance are provided as reference values (at 60 hz). 4. power consumption drop was measured for the above data. when driving transistors, check leakage current and connect a bleeder resistor if required. 1.95 to 2.5 va (60 hz) omron a5 catalogue 2007 419-518 11/9/06 11:03 am page 444
445 general purpose relay ?ly general purpose relays characteristics item all except relays with bifurcated contacts relays with bifurcated contacts contact resistance 50 m ? max. operate time 25 ms max. release time 25 ms max. max. operating frequency mechanical: 18,000 operations/hr electrical: 1,800 operations/hr (under rated load) insulation resistance 100 m ? min. (at 500 vdc) dielectric strength 1,000 vac, 50/60 hz for 1 min between contacts of same polarity 2,000 vac, 50/60 hz for 1 min between contacts of different polarity vibration resistance destruction: 10 to 55 to 10 hz, 0.5 mm single amplitude (1.0 mm double amplitude) malfunction: 10 to 55 to 10 hz, 0.5 mm single amplitude (1.0 mm double amplitude) shock resistance destruction: 1,000 m/s 2 malfunction: 200 m/s 2 endurance mechanical: ac: 50,000,000 operations min. (at 18,000 operations/hr) dc: 1,00,000,000 operations min. (at 18,000 operations/hr) electrical: single-, three-, and four-pole: 200,000 operations min. (at 1,800 operations/hr under rated load) double-pole: 500,000 operations min. (at 1,800 operations/hr under rated load) ambient temperature* operating: single- and double-pole standard, bifurcated-contact relays: ?5? to 55? (with no icing) (?5? to 70? if carry current is 4 a or less) all other relays: ?5? to 40? (with no icing) (?5? to 55? if carry current is 4 a or less) ambient humidity operating: 5% to 85% weight single- and double-pole: approx. 40 g, three-pole: approx. 50 g, four-pole: approx. 70 g note: 1. the values given above are initial values 2. the upper limit of 40? for some relays is because of the relationship between diode junction temperature and the element used. contact rating relay single contact bifurcated contacts 1-pole 2-, 3- or 4-pole 2-pole load resistive load inductive load resistive load inductive load resistive load inductive load (cos ? = 1) (cos ? = 0.4, (cos ? = 1) (cos ? = 0.4, (cos ? = 1) (cos ? = 0.4, l/r = 7 ms) l/r = 7 ms) l/r = 7 ms) rated load 110 vac 15 a 110 vac 10 a 110 vac 10 a 110 vac 7.5 a 110 vac 5a 110 vac 4 a 24 vdc 15 a 24 vdc 7 a 24 vdc 10 a 24 vdc 5 a 24 vdc 5 a 24 vdc 4a rated carry 15 a 10 a 7 a current max. switching 250 vac 250 vac 250 vac voltage 125 vdc 125 vdc 125 vdc max. switching 15 a 10 a 7 a current max. switching 1,700 va 1,100 va 1,100 va 825 va 550 va 440 va power 360 w 170 w 240 w 120 w 120 w 100 w failure rate 100 ma, 5 vdc 100 ma, 5 vdc 100 ma, 5 vdc (reference value)* *note: p level: 60 = 0.1 x 10 -6 /operation omron a5 catalogue 2007 419-518 11/9/06 11:03 am page 445
446 general purpose relay ?ly rated voltage load type conditions operating frequency electrical life 100 vac ac motor 400 w, 100 vac single-phase with on for 10 s, off for 50 s 50,000 operations 35-a inrush current, 7-a current flow ac lamp 300 w, 100 vac with 51-a on for 5 s, off for 55 s 100,000 operations inrush current, 3-a current flow 500 w, 100 vac with 78-a 25,000 operations inrush current, 5-a current flow capacitor 24 vdc with 50-a inrush current, on for 1 s, off for 6 s 100,000 operations (2,000 ?) 1-a current flow ac solenoid 50 va with 2.5-a inrush current, on for 1 s, off for 2 s 1,500,000 operations 0.25-a current flow 100 va with 5-a inrush current, 800,000 operations 0.5-a current flow endurance under real loads (reference only) ly 1 rated voltage load type conditions operating frequency electrical life 100 vac ac motor 200 w, 100 vac single-phase with on for 10 s, off for 50 s 200,000 operations 25-a inrush current, 5-a current flow ac lamp 300 w, 100 vac with 51-a on for 5 s, off for 55 s 80,000 operations inrush current, 3-a current flow capacitor 24 vdc with 50-a inrush current, on for 1 s, off for 15 s 10,000 operations (2,000 ?) 1-a current flow 24 vdc with 20-a inrush current, 150,000 operations 1-a current flow ac solenoid 50 va with 2.5-a inrush current,, on for 1 s, off for 2 s 1,000,000 operations 0.25-a current flow 100 va with 5-a inrush current, 500,000 operations 0.5-a current flow ly 2 rated voltage load type conditions operating frequency electrical life 100 vac ac motor 200 w, 200 vac triple-phase with on for 10 s, off for 50 s 500,000 operations 5-a inrush current, 1-a current flow 750 w, 200 vac triple-phase with 70,000 operations 18-a inrush current, 3.5 a current flow ac lamp 300 w, 100 vac with 51-a on for 5 s, off for 55 s 50,000 operations inrush current, 3-a current flow capacitor 24 vdc with 50-a inrush current, on for 1 s, off for 15 s 5,000 operations (2,000 ?) 1-a current flow 24 vdc with 20-a inrush current, on for 1 s, off for 2 s 200,000 operations 1-a current flow ac solenoid 50 va with 2.5-a inrush current, on for 1 s, off for 2 s 1,000,000 operations 0.25-a current flow 100 va with 5-a inrush current, 500,000 operations 0.5-a current flow ly 4 omron a5 catalogue 2007 419-518 11/9/06 11:03 am page 446
447 general purpose relay ?ly general purpose relays approved standards ul 508 recognitions (file no. 41643) no. of poles coil ratings contact ratings operations 1 15 a, 30 vdc (resistive) 6 x 10 3 15 a, 240 vac (general use) tv-5, 120 vac 25 x 10 3 1/2 hp, 120 vac 2 15 a, 28 vdc (resistive) 6 x 10 3 15 a, 120 vac (resistive) 12 a, 240 vac (general use) 1/2 hp, 120 vac 25 x 10 3 tv-3, 120 vac 3 and 4 10 a, 30 vdc (resistive) 6 x 10 3 10 a, 240 vac (general use) 1/3 hp, 240 vac 6 to 240 vac 6 to 125 vdc csa 22.2 no. 14 listings (file no. lr31928) no. of poles coil ratings contact ratings operations 1 15 a, 30 vdc (resistive) 6 x 10 3 15 a, 120 vac (general use) 1/2 hp, 120 vac 25 x 10 3 tv-5, 120 vac 2 15 a, 30 vdc (resistive) 6 x 10 3 15 a, 120 vac (resistive) 1/2 hp, 120 vac tv-3, 120 vac 3 and 4 10 a, 30 vdc (resistive) 10 a, 240 vac (general use) 6 to 240 vac 6 to 125 vdc no. of poles coil ratings contact ratings operations 1 15 a, 24 vdc 6 x 10 3 15 a, 220 vac 2 to 4 10 a, 24 vdc 10 a, 220 vac 6 to 240 vac 6 to 125 vdc sev listings (file no. d3,31/137) t?v (file no. r9251226) (iec255) no. of poles coil ratings contact ratings operations 1 to 4 6 to 125 vdc ly1, ly1-fd 100 x 10 3 6 to 240 vac 15 a, 110 vac (cos ? = 1) 10 a, 110 vac (cos ? = 0.4) ly2, ly2-fd, ly3, ly3-fd, ly4, ly4-fd 10 a, 110 vac (cos ? = 1) 7.5 a, 110 vac (cos ? = 0.4) vde recognitions (no. 9903ug and 9947ug) no. of poles coil ratings contact ratings operations 1 6, 12, 24, 50, 110, 220 vac 10 a, 220 vac (cos ? = 1) 200 x 10 3 6, 12, 24, 48, 110 vdc 7 a, 220 vac (cos ? = 0.4) 10 a, 28 vdc (l/r = 0 ms) 7 a, 28 vdc (l/r = 7 ms) 2 7 a, 220 vac (cos ? = 1) 4 a, 220 vac (cos ? = 0.4) 7 a, 28 vdc (l/r = 0 ms) 4 a, 28 vdc (l/r = 7 ms) omron a5 catalogue 2007 419-518 11/9/06 11:03 am page 447
448 general purpose relay ?ly no. of poles coil ratings contact ratings 2, 4 6 to 240 vac 7.5 a, 230 vac (pf0.4) 6 to 110 vdc 5 a, 24 vdc (l/r=7 ms) approved standards (cont.) lr recognitions (no. 563kob-204523) engineering data ly 1 maximum switching power switching voltage (v) switching current (a) endurance ly 2 maximum switching power switching voltage (v) endurance switching current (a) ly3 and ly4 maximum switching power switching voltage (v) endurance switching current (a) switching current (a) ac resistive load dc resistive load ac (cos = 0.4) dc l/r = 7 ms life: 200,000 operations ac resistive load ac (cos = 0.4) dc l/r = 7 ms dc resistive load 110 vac resistive load 24 vdc resistive load 24 vdc (l/ r = 7ms) 110 vac (cos = 0.4) ac resistive load ac (cos = 0.4) dc l/r = 7 ms dc resistive load life: 500,000 operations 24 vdc resistive load 110 vac resistive load 110 vac (cos = 0.4) 24 vdc (l/r = 7ms) 24 vdc resistive load 110 vac resistive load 110 vac (cos = 0.4) 24 vdc (l/r = 7ms) 15 10 5 1 0.5 0.1 10 100 500 1,000 endurance (x10 operations) 3 10,000 5,000 1,000 100 0246 8 101214161820 10 5 1 0.5 0.1 10 100 500 1,000 endurance (x10 operations) 3 10 5 1 0.5 0.1 10 100 life: 200,000 operations endurance (x10 operations) 3 0 2 4 6 8 10 12 14 16 18 20 0246 8 101214161820 500 1,000 1,0000 1,000 100 1,0000 1,000 100 500 5,000 500 5,000 500 switching current (a) switching current (a) omron a5 catalogue 2007 419-518 11/9/06 11:03 am page 448
449 general purpose relay ?ly general purpose relays dimensions note: all units are in millimetres unless otherwise indicated. relays with solder/plug-in terminals note: the dc models have polarity. ly2z maximum switching power switching voltage (v) switching current (a) ly2z endurance switching current (a) ac resistive load ac (cos = 0.4) dc resistive load dc l/r = 7 ms life: 500,000 operations 24 vdc resistive load 110 vac resistive load 110 vac (cos = 0.4) 24 vdc (l/r = 7ms) 10 5 1 0.5 10 100 500 1,000 50 endurance (x10 operations) 3 10,000 5,000 1,000 500 02468 10 100 0 eight, 2-dia. holes ly 1 ly1n (-d2) ly1-d 0.5 5 3 6.4 36 max. 28 max. 21.5 max. terminal arrangement/internal connections (bottom view) ly1 ly1-d ly 1 n dc model ac model ly1n-d2 omron a5 catalogue 2007 419-518 11/9/06 11:03 am page 449
450 general purpose relay ?ly ly2 ly2z ly2-d ly2z-d ly2n ly2zn ly2n-d2 ly2zn-d2 0.5 eight, 3-dia. holes 5 3 6.4 36 max. 28 max. ly2(z) ly2(z)-d ly2(z)n dc model ac model ly2(z)n-d2 terminal arrangement/internal connections (bottom view) 21.5 max. note: the dc models have polarity. ly 3 ly3n ly3-d 0.5 5 3 6.4 36.5 max. eleven, 3-dia. holes 28 max. 31.5 max. terminal arrangement/internal connections (bottom view) ly 3 ly3-d ly3n dc model ac model note: the dc models have polarity. omron a5 catalogue 2007 419-518 11/9/06 11:03 am page 450
451 general purpose relay ?ly general purpose relays ly4 ly4n ly4-d ly4n-d2 0.5 5 fourteen, 3-dia. holes 3 6.4 36 max. 28 max. 41.5 max. ly 4 ly4-d ly 4 n dc model ac model terminal arrangement/internal connections (bottom view) ly4n-d2 note: the dc models have polarity. ly2-cr ly2z-cr ly2n-cr ly2zn-cr 0.5 eight, 3-dia. holes 21.5 max. 28 max. ly2(z)-cr ly2(z)n-cr 5 3 6.4 53 max. model: ly2n-cr cr element c: 0.033 f r: 120 ? terminal arrangement/internal connections (bottom view) ly1-0 ly3-0 ly2-0 ly4-0 0.5 2 1 4.5 (see note 2) 36 max. 21.5 max. 5.75 28 max. 4.1 5.5 14.2 10 14.2 10 10 10 10 10 10 3.4 3.4 5.3 5.3 five, 2.5-dia. holes eight, 2.5-dia. holes eleven, 2.5-dia. holes fourteen, 2.5-dia. holes 4.6 13.15 7.15 note: 1. the above model is the ly2-0. 2. this figure is 6.4 for the ly1-0 note: 1. the tolerance for the above figures is 0.1 mm. 2. besides the terminals, some part of the ly1-0 carries current. due attention should be paid when mounting the ly1-0 to a double-sided pc board. pc board holes (bottom view) relays with pcb terminals omron a5 catalogue 2007 419-518 11/9/06 11:03 am page 451
452 general purpose relay ?ly ly1f ly2f 2 0.5 5 3 6.4 35.5 max. eight, 2-dia. holes (see note) 22.5 max. 3.5 29 max. 38 44 max. mounting holes note: 1. eight 3-dia. holes should apply to the ly2f model. 38 0.1 two, 3.5-dia. holes (or two m3 holes) ly3f 0.5 5 3 6.4 eleven, 3-dia. holes 36 max. 32 max. 3.5 28.5 max. 38 44 max. 38 0.1 two, 3.5-dia. holes (or two, m3 holes) 2 ly4f 2 0.5 5 fourteen, 3-dia. holes 3 6.4 35.5 max. 3.5 28 28 max. 38 44 max. mounting holes two, m3 holes) 28 0.1 41.5 max. two, 3.5 dia. holes (or 38 0.1 upper mounting relays omron a5 catalogue 2007 419-518 11/9/06 11:03 am page 452
453 general purpose relay ?ly general purpose relays mounting height with socket sockets mounting plates for back-connecting the following socket heights should be maintained. front-connecting ly 71 (see note) 67 (84) ptf @ a (-e) back-connecting 40 (57) ly pt @ note: 1. the ptf @ a (-e) can be track-mounted or screw-mounted. 2. for the ly @ -cr (cr circuit built-in type) model, this figure should be 88. ptf08a-e pt14 pt14qn pt14-0 ptf14a-e ptf11a PT08 pt11 PT08qn pt11qn PT08-0 pt11-0 ptp-1-3 ptp-1 pyp-18 ptp-10 ptp-12 pyp-1 two, 3.4-dia. holes t=1.6 t=1.6 t=1.6 t=1.6 four, 3.4-dia. holes four, 3.4-dia. holes 72 elliptical holes twelve, square holes 48 elliptical holes 40 elliptical holes t=1.6 t=1.6 r5 7.7 42 0.1 49 52 0.1 59 49 42 0.1 7.7 42 0.1 49 r5 7.7 42 0.1 49 9 x 49.4 = 444.6 0.6 9 x 49.4 = 444.6 0.6 492 r1.7 3.4 4.5 1.1 7.4 23.7 7.4 7.7 42 0.1 49 11 x 39.4 = 433.4 0.6 492 29.3 3.4 4.5 r2.25 28 5.1 42 49 492 21.6 21.6 4.5 3.4 r1.7 7.7 42 0.1 49 11 x 39.4 = 433.4 0.6 11 x 39.4 = 433.4 0.6 17 x 27.4 = 465.8 0.6 17 x 27.4 = 465.8 0.6 17 x 27.4 = 465.8 0.6 9 x 49.4 = 444.6 0.6 omron a5 catalogue 2007 419-518 11/9/06 11:03 am page 453
454 general purpose relay ?ly all dimensions shown are in millimetres. to convert millimetres into inches, multiply by 0.03937. to convert grams into ounces, multiply by 0.03527. hold-down clips hold-down clips are used to hold relays to sockets and prevent them from coming loose due to vibration or shock. used with socket used with socket for cr circuit built-in relay mounting plate pyc-a1 pyc-p pyc-s y92h-3 pyc-1 precautions connections do not reverse polarity when connecting dc-operated relays with built-in diodes or indicators. cat. no. j002-e2-10 omron a5 catalogue 2007 419-518 11/9/06 11:03 am page 454


▲Up To Search▲   

 
Price & Availability of PT08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X